Part Number Hot Search : 
621499 A5800673 0805L B40S2A 1418AR10 LC244 80500 EGL341A
Product Description
Full Text Search
 

To Download 550C103T250DF2B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type 550C 105 C Ultra Ripple, Long-life, Inverter Grade, Aluminum
Ultra-Ripple, Long Life, Computer Grade
The Ultimate in Ripple and Life Type 550C is the standard for motor drive and other high-ripple, long-life applications. It boasts more than 25% extra ripple capability per can size, but less capacitance than Type 520C. Expected operating life is more than 100,000 hours in typical applications. (See Operating Life) Type 550C is rated for 10,000 hours life with full ripple current, rated voltage, 85 C and 100 lfm airflow while mounted horizontally. Horizontal mounting is more severe than vertical mounting. The extended cathode foil of the 550C assures heat flow from the capacitor element to the can in all orientations.
Highlights
* * * 10,000 hour load life Ripple current to 105 amps ESRs to 7 m -40 C to +105 C 200 to 500 Vdc 91 F to 35,000 F -10% +50% 3CV A (4mA max.) -20 C multiple of 25 C Z 3 Ambient Temperature
45 C 1.66 55 C 1.52 65 C 1.37 75 C 1.20 85 C 1.00 95 C 0.75 105 C 0.36
Specifications
Operating Temperature: Rated Voltage: Capacitance: Capacitance Tolerance: DCLeakage Current: Cold Impedence:
Ripple Current Multipliers:
Frequency
10 kHz 50 Hz 60 Hz 120 Hz 360 Hz 1 kHz 5 kHz 1 3/8" & 1 3/4" Diameters 200 to 350 V 400 to 500 V 3" & 3 1/2" Diameters 200 to 350 V 400 to 500 V 0.8 0.73 0.85 0.79 1.00 1.00 1.17 1.31 1.24 1.51 1.28 1.63 1.29 1.65 0.77 0.73 0.82 0.78 1.00 1.00 1.21 1.33 1.32 1.53 1.37 1.66 1.38 1.68 & up
EIA Ripple Life:
Life Test:
Complies with the EU Directive 2002/95/EC requirement restricting the use of Lead (Pb), Mercury (Hg), Cadmium (Cd), Hexavalent chromium (Cr(VI)), PolyBrominated Biphenyls (PBB) and PolyBrominated Diphenyl Ethers (PBDE).
Shelf Life: Vibration:
10,000 h at full load @ 85 C per EIA IS-749 Capacitance 20% ESR 200% of limit DCL 100% of limit 10,000 h at full load @ 105 C and rated voltage Capacitance 20% ESR 200% of limit DCL 100% of limit 500 h @ 105 C, Capacitance, ESR and DCL, initial requirements. 0 to 55 Hz, 0.06" and 10 g max, 1.5 h ea. of 2 axis
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com
Type 550C 105 C Ultra Ripple, Long-life, Inverter Grade, Aluminum
Outline Drawings Case Dimensions Uninsulated Case Dimensions
For insulated case, add 0.024"(0.610 mm) to "D"and 0.030"(0.762 mm) to height.
Diam. (D) Case Code AK AA AH AB AJ AC AD AE AF EA EH EB EJ EC ED EE EF BA BH BB BJ BC BD BE BF CH CB CJ CC CD CE CF DB DJ DC DD DE DF DP DN DG FC FD FE FF FP FN FG .031 Inches 1.375 1.375 1.375 1.375 1.375 1.375 1.375 1.375 1.375 1.750 1.750 1.750 1.750 1.750 1.750 1.750 1.750 2.000 2.000 2.000 2.000 2.000 2.000 2.000 2.000 2.500 2.500 2.500 2.500 2.500 2.500 2.500 3.000 3.000 3.000 3.000 3.000 3.000 3.000 3.000 3.000 3.500 3.500 3.500 3.500 3.500 3.500 3.500 .78 mm 34.93 34.93 34.93 34.93 34.93 34.93 34.93 34.93 34.93 44.45 44.45 44.45 44.45 44.45 44.45 44.45 44.45 50.80 50.80 50.80 50.80 50.80 50.80 50.80 50.80 63.50 63.50 63.50 63.50 63.50 63.50 63.50 76.20 76.20 76.20 76.20 76.20 76.20 76.20 76.20 76.20 88.90 88.90 88.90 88.90 88.90 88.90 88.90 Length (L) .062 Inches 1.625 2.125 2.625 3.125 3.625 4.125 4.625 5.125 5.625 2.125 2.625 3.125 3.625 4.125 4.625 5.125 5.625 2.125 2.625 3.125 3.625 4.125 4.625 5.125 5.625 2.625 3.125 3.625 4.125 4.625 5.125 5.625 3.125 3.625 4.125 4.625 5.125 5.625 5.875 7.625 8.625 4.125 4.625 5.125 5.625 5.875 7.625 8.625 1.57 mm 41.28 53.98 66.68 79.38 92.08 104.78 117.48 130.18 142.88 53.98 66.68 79.38 92.08 104.78 117.48 130.18 142.88 53.98 66.68 79.38 92.08 104.78 117.48 130.18 142.88 66.68 79.38 92.08 104.78 117.48 130.18 142.88 79.38 92.08 104.78 117.48 130.18 142.88 149.23 193.68 219.08 104.78 117.48 130.18 142.88 149.23 193.68 219.08 Terminals (S) 0.015 Inches 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.75 0.75 0.75 0.75 0.75 0.75 0.75 0.75 0.88 0.88 0.88 0.88 0.88 0.88 0.88 0.88 1.13 1.13 1.13 1.13 1.13 1.13 1.13 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 .38 mm 12.70 12.70 12.70 12.70 12.70 12.70 12.70 12.70 12.70 19.05 19.05 19.05 19.05 19.05 19.05 19.05 19.05 22.23 22.23 22.23 22.23 22.23 22.23 22.23 22.23 28.58 28.58 28.58 28.58 28.58 28.58 28.58 31.75 31.75 31.75 31.75 31.75 31.75 31.75 31.75 31.75 31.75 31.75 31.75 31.75 31.75 31.75 31.75 Typical Weight oz 1.9 2.0 2.7 3.3 3.8 4.4 5.1 6.8 8.1 2.7 3.8 5.1 6.8 8.1 9.0 9.5 10.5 5.4 6.1 6.8 8.2 9.5 10.3 10.7 13.0 9.2 10.4 12.7 15.0 17.2 19.3 21.4 16.7 20.0 22.2 25.5 30.0 31.9 32.8 39.5 43.3 30.0 34.4 40.5 43.1 44.3 53.3 58.5 g 54 57 77 94 108 125 145 193 230 76 108 145 193 230 255 269 298 153 173 193 232 269 292 303 369 261 295 361 425 488 547 607 473 567 629 723 850 904 931 1119 1227 850 976 1148 1221 1257 1512 1658
NOTE:With the stud-mount feature, a thermally-conductive disk can be inserted in the bottom flush with the outer insulating sleeve. This reduces the thermal resistance through the can bottom by 0.3 C/W. Can Style P.
Stud Dimensions
Case
Stud Thread M8 M8 M12 M12 M12 M12
P 0.039" (1.0 mm) 0.470" (12.0) 0.470" (12.0) 0.630" (16.0) 0.630" (16.0) 0.630" (16.0) 0.630" (16.0)
Diam. 1.38 1.75 2.00 2.50 3.00 3.50
NOTE: Only high post and M5 Low Post 1 to 3 A 0.314 8.0 0.094 2.4 10-32 0.218 5.5 25 2.82 post terminals are High Post 1 to 3 B 0.314 8.0 0.281 7.1 10-32 0.375 9.5 25 2.82 available at 550 Vdc High Current, Low 21/2 to 31/2 D 0.684 17.4 0.125 3.2 1/4-28 0.344 8.7 60 6.78 as they meet the High Current, High 21/2 to 31/2 E 0.684 17.4 0.281 7.1 1/4-28 0.469 11.9 60 6.78 required creepage M5 Post, Small 1 to 2 M 0.314 8.0 0.281 7.1 M5 0.375 9.5 25 2.82 distance. M5 Post 21/2 & 3 F 0.512 13.0 0.230 5.8 M5 0.344 8.7 25 2.82 Click here to M6 Low Post 21/2 to 31/2 G 0.684 17.4 0.125 3.2 M6 0.344 8.7 60 6.78 see Hardware & M6 High Post 21/2 to 31/2 H 0.684 17.4 0.281 7.1 M6 0.469 11.9 60 6.78 Mounting Options CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com
For Case Post Diameter in mm H max min Full Thread in mm Torque Terminal Style Diameters Code in mm Thread in*lb N*m
Type 550C 105 C Ultra Ripple, Long-life, Inverter Grade, Aluminum
Part Numbering System 812
Capacitance 812 = 8100 F
550
Type
T
Tolerance M= 20% U= 10%+75% T= 10%+50%
450
FG
2
D
S
Voltage Case Code Insulation Terminal Can Style 200 = 200 Vdc 0= None A= Low Post Blank= 1= Polyester B= High Post Standard 2= PVC D= High Current, Can Low Post E= High Current, S= Stud Bottom High Post Polyester insulation is not available for 3.5 inch diameter units. P= Stud F= M5 Post Standard insulation is 0.008-in PVC sleeve with 0.01-in polypropylene end disk. M= M5 Post, with Thermal small G= M6 Low Post Pad H= M6 High Post
Typical Performance Curves
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com
Type 550C 105 C Ultra Ripple, Long-life, Inverter Grade, Aluminum
Ratings
Cap. (F) 380 690 850 1200 1200 1200 1400 1500 1800 1800 1900 2100 2400 2400 2500 2700 2800 3000 3200 3500 3900 4000 4000 4500 4600 5100 5300 5700 6100 6200 7300 7300 8500 9000 9600 Catalog Part Number 550C381T200AK2B 550C691T200AA2B 550C851T200AH2B 550C122T200AB2B 550C122T200EA2B 550C122T200BA2B 550C142T200EH2B 550C152T200AJ2B 550C182T200AC2B 550C182T200BH2B 550C192T200EB2B 550C212T200AD2B 550C242T200AE2B 550C242T200EJ2B 550C252T200BB2B 550C272T200AF2B 550C282T200CH2B 550C302T200EC2B 550C322T200BJ2B 550C352T200ED2B 550C392T200BC2B 550C402T200EE2B 550C402T200CB2B 550C452T200EF2B 550C462T200BD2B 550C512T200CJ2B 550C532T200BE2B 550C572T200DB2B 550C612T200BF2B 550C622T200CC2B 550C732T200CD2B 550C732T200DJ2B 550C852T200CE2B 550C902T200DC2B 550C962T200CF2B ESR Max. @ 25 C 120 Hz (m) 262.0 146.0 120.0 88.5 87.9 86.0 72.0 70.3 58.5 60.2 53.1 50.2 44.1 42.2 43.3 39.4 39.1 35.1 34.0 30.2 28.1 26.6 28.1 23.8 24.0 22.0 21.1 23.4 18.9 17.8 15.2 18.3 13.4 15.2 11.9 Ripple Max. @ 85 C 120 Hz (A) 2.3 3.5 4.1 5.1 5.2 5.7 6.2 6.1 7.0 7.4 7.7 7.9 8.8 9.1 9.2 9.6 10.5 10.4 11.0 11.7 12.6 13.0 13.2 14.2 14.2 15.6 15.7 16.1 17.2 18.1 20.3 19.1 22.5 21.9 24.5 Nominal Size DxL (inches) 1 3/8 x 1 5/8 1 3/8 x 2 1/8 1 3/8 x 2 5/8 1 3/8 x 3 1/8 1 3/4 x 2 1/8 2 x 2 1/8 1 3/4 x 2 5/8 1 3/8 x 3 5/8 1 3/8 x 4 1/8 2 x 2 5/8 1 3/4 x 3 1/8 1 3/8 x 4 5/8 1 3/8 x 5 1/8 1 3/4 x 3 5/8 2 x 3 1/8 1 3/8 x 5 5/8 2 1/2 x 2 5/8 1 3/4 x 4 1/8 2 x 3 5/8 1 3/4 x 4 5/8 2 x 4 1/8 1 3/4 x 5 1/8 2 1/2 x 3 1/8 1 3/4 x 5 5/8 2 x 4 5/8 2 1/2 x 3 5/8 2 x 5 1/8 3 x 3 1/8 2 x 5 5/8 2 1/2 x 4 1/8 2 1/2 x 4 5/8 3 x 3 5/8 2 1/2 x 5 1/8 3 x 4 1/8 2 1/2 x 5 5/8 280 510 620 850 850 910 1000 1100 1300 1300 1400 1500 1800 1800 1800 2000 2100 2200 2400 2600 2900 2900 Cap. (F) 11000 12000 13000 14000 15000 16000 18000 20000 21000 22000 24000 30000 35000 Catalog Part Number 550C113T200DD2B 550C123T200DE2B 550C133T200FC2B 550C143T200DF2B 550C153T200DP2D 550C163T200FD2B 550C183T200FE2B 550C203T200FF2D 550C213T200DN2D 550C223T200FP2D 550C243T200DG2D 550C303T200FN2D 550C353T200FG2D 550C281T250AK2B 550C511T250AA2B 550C621T250AH2B 550C851T250AB2B 550C851T250EA2B 550C911T250BA2B 550C102T250EH2B 550C112T250AJ2B 550C132T250AC2B 550C132T250BH2B 550C142T250EB2B 550C152T250AD2B 550C182T250AE2B 550C182T250EJ2B 550C182T250BB2B 550C202T250AF2B 550C212T250CH2B 550C222T250EC2B 550C242T250BJ2B 550C262T250ED2B 550C292T250EE2B 550C292T250BC2B ESR Max. @ 25 C 120 Hz (m) 13.0 11.5 15.5 10.3 9.8 13.2 11.7 10.5 8.2 10.0 7.1 8.0 6.8 339.0 186.0 153.0 113.0 120.0 117.0 101.0 89.3 74.1 82.1 71.3 63.5 55.0 55.9 59.0 49.7 50.5 45.8 45.3 39.3 34.5 37.4 Ripple Max. @ 85 C 120 Hz (A) 24.5 27.0 23.8 29.4 30.6 26.8 29.4 31.9 36.8 33.2 40.4 40.6 44.9 2.1 3.1 3.7 4.6 4.5 4.9 5.3 5.4 6.2 6.3 6.6 7.0 7.8 7.9 7.9 8.5 9.3 9.1 9.5 10.3 11.4 10.9 Nominal Size DxL (inches) 3 x 4 5/8 3 x 5 1/8 3 1/2 x 4 1/8 3 x 5 5/8 3 x 5 7/8 3 1/2 x 4 5/8 3 1/2 x 5 1/8 3 1/2 x 5 5/8 3 x 7 5/8 3 1/2 x 5 7/8 3 x 8 5/8 3 1/2 x 7 5/8 3 1/2x 8 5/8 1 3/8 x 1 5/8 1 3/8 x 2 1/8 1 3/8 x 2 5/8 1 3/8 x 3 1/8 1 3/4 x 2 1/8 2 x 2 1/8 1 3/4 x 2 5/8 1 3/8 x 3 5/8 1 3/8 x 4 1/8 2 x 2 5/8 1 3/4 x 3 1/8 1 3/8 x 4 5/8 1 3/8 x 5 1/8 1 3/4 x 3 5/8 2 x 3 1/8 1 3/8 x 5 5/8 2 1/2 x 2 5/8 1 3/4 x 4 1/8 2 x 3 5/8 1 3/4 x 4 5/8 1 3/4 x 5 1/8 2 x 4 1/8
200 Vdc (250 Vdc Surge)
250 Vdc (300 Vdc Surge)
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com
Type 550C 105 C Ultra Ripple, Long-life, Inverter Grade, Aluminum
Cap. (F) 2900 3300 3400 3700 3900 4200 4500 4600 5400 5400 6200 6600 7100 7800 9000 9700 10000 11000 11000 13000 15000 15000 16000 17000 22000 25000 200 320 480 490 640 640 710 800 910 960 990 1100 1300 1300 1300 1400 1600 1600 1600 1800 2000 Catalog Part Number 550C292T250CB2B 550C332T250EF2B 550C342T250BD2B 550C372T250CJ2B 550C392T250BE2B 550C422T250DB2B 550C452T250BF2B 550C462T250CC2B 550C542T250CD2B 550C542T250DJ2B 550C622T250CE2B 550C662T250DC2B 550C712T250CF2B 550C782T250DD2B 550C902T250DE2B 550C972T250FC2D 550C103T250DF2B 550C113T250DP2B 550C113T250FD2D 550C133T250FE2D 550C153T250DN2D 550C153T250FF2D 550C163T250FP2D 550C173T250DG2D 550C223T250FN2D 550C253T250FG2D 550C201T300AK2B 550C321T300AA2B 550C481T300AH2B 550C491T300EA2B 550C641T300AB2B 550C641T300BA2B 550C711T300EH2B 550C801T300AJ2B 550C911T300BH2B 550C961T300AC2B 550C991T300EB2B 550C112T300AD2B 550C132T300AE2B 550C132T300EJ2B 550C132T300BB2B 550C142T300AF2B 550C162T300EC2B 550C162T300BJ2B 550C162T300CH2B 550C182T300ED2B 550C202T300BC2B ESR Max. @ 25 C 120 Hz (m) 36.9 30.8 31.9 28.7 27.9 28.9 24.9 23.4 19.9 22.3 17.1 18.5 15.2 15.8 13.9 16.5 12.4 11.4 14.3 12.5 9.4 11.0 10.5 7.9 8.5 7.2 591.0 378.0 254.0 252.0 190.0 188.0 176.0 156.0 131.0 131.0 126.0 110.0 96.9 96.2 94.2 83.4 77.2 73.7 78.2 67.3 60.7 Ripple Max. @ 85 C 120 Hz (A) 11.5 12.4 12.3 13.7 13.6 14.5 14.9 15.8 17.8 17.3 19.9 19.9 21.7 22.3 24.6 23.1 26.8 28.2 25.8 28.4 34.4 31.2 32.3 38.3 39.5 43.7 1.6 2.2 2.9 3.1 3.5 3.9 4.0 4.1 5.0 4.7 5.0 5.3 5.9 6.0 6.3 6.6 7.0 7.5 7.4 7.8 8.6 Nominal Size DxL (inches) 2 1/2 x 3 1/8 1 3/4 x 5 5/8 2 x 4 5/8 2 1/2 x 3 5/8 2 x 5 1/8 3 x 3 1/8 2 x 5 5/8 2 1/2 x 4 1/8 2 1/2 x 4 5/8 3 x 3 5/8 2 1/2 x 5 1/8 3 x 4 1/8 2 1/2 x 5 5/8 3 x 4 5/8 3 x 5 1/8 3 1/2 x 4 1/8 3 x 5 5/8 3 x 5 7/8 3 1/2 x 4 5/8 3 1/2 x 5 1/8 3 x 7 5/8 3 1/2 x 5 5/8 3 1/2 x 5 7/8 3 x 8 5/8 3 1/2 x 7 5/8 3 1/2x 8 5/8 1 3/8 x 1 5/8 1 3/8 x 2 1/8 1 3/8 x 2 5/8 1 3/4 x 2 1/8 1 3/8 x 3 1/8 2 x 2 1/8 1 3/4 x 2 5/8 1 3/8 x 3 5/8 2 x 2 5/8 1 3/8 x 4 1/8 1 3/4 x 3 1/8 1 3/8 x 4 5/8 1 3/8 x 5 1/8 1 3/4 x 3 5/8 2 x 3 1/8 1 3/8 x 5 5/8 1 3/4 x 4 1/8 2 x 3 5/8 2 1/2 x 2 5/8 1 3/4 x 4 5/8 2 x 4 1/8 160 260 390 400 510 520 570 640 740 770 800 900 1000 1000 1000 1200 1300 1300 1300 1500 Cap. (F) 2100 2200 2400 2400 2700 2800 3100 3400 3500 4100 4400 4700 5300 5400 6400 7200 7400 8300 8600 8800 9900 11000 12000 12000 14000 16000 18000 Catalog Part Number 550C212T300EE2B 550C222T300CB2B 550C242T300EF2B 550C242T300BD2B 550C272T300BE2B 550C282T300CJ2B 550C312T300BF2B 550C342T300DB2B 550C352T300CC2B 550C412T300CD2B 550C442T300DJ2B 550C472T300CE2B 550C532T300CF2B 550C542T300DC2B 550C642T300DD2B 550C722T300FC2D 550C742T300DE2B 550C832T300DF2B 550C862T300FD2D 550C882T300DP2B 550C992T300FE2D 550C113T300FF2D 550C123T300FP2D 550C123T300DN2D 550C143T300DG2D 550C163T300FN2D 550C183T300FG2D 550C161T350AK2B 550C261T350AA2B 550C391T350AH2B 550C401T350EA2B 550C511T350BA2B 550C521T350AB2B 550C571T350EH2B 550C641T350AJ2B 550C741T350BH2B 550C771T350AC2B 550C801T350EB2B 550C901T350AD2B 550C102T350AE2B 550C102T350EJ2B 550C102T350BB2B 550C122T350AF2B 550C132T350EC2B 550C132T350BJ2B 550C132T350CH2B 550C152T350ED2B ESR Max. @ 25 C 120 Hz (m) 58.7 56.1 52.2 51.7 45.1 43.8 40.2 37.7 35.9 30.6 29.5 26.7 23.4 24.4 20.8 18.8 18.2 16.2 16.0 15.4 14.0 12.1 11.5 12.4 10.5 9.2 7.7 662.0 414.0 284.0 281.0 209.0 213.0 196.0 175.0 146.0 146.0 141.0 123.0 111.0 110.0 105.0 93.1 86.0 81.7 86.7 74.9 Ripple Max. @ 85 C 120 Hz (A) 8.7 9.3 9.6 9.7 10.7 11.1 11.8 12.7 12.8 14.4 15.1 15.9 17.5 17.3 19.4 21.7 21.5 23.4 24.3 24.3 26.8 29.6 30.8 30.0 33.3 38.1 42.3 1.5 2.1 2.7 2.9 3.7 3.3 3.8 3.9 4.7 4.4 4.7 5.0 5.5 5.6 5.9 6.2 6.7 7.1 7.1 7.4 Nominal Size DxL (inches) 1 3/4 x 5 1/8 2 1/2 x 3 1/8 1 3/4 x 5 5/8 2 x 4 5/8 2 x 5 1/8 2 1/2 x 3 5/8 2 x 5 5/8 3 x 3 1/8 2 1/2 x 4 1/8 2 1/2 x 4 5/8 3 x 3 5/8 2 1/2 x 5 1/8 2 1/2 x 5 5/8 3 x 4 1/8 3 x 4 5/8 3 1/2 x 4 1/8 3 x 5 1/8 3 x 5 5/8 3 1/2 x 4 5/8 3 x 5 7/8 3 1/2 x 5 1/8 3 1/2 x 5 5/8 3 1/2 x 5 7/8 3 x 7 5/8 3 x 8 5/8 3 1/2 x 7 5/8 3 1/2x 8 5/8 1 3/8 x 1 5/8 1 3/8 x 2 1/8 1 3/8 x 2 5/8 1 3/4 x 2 1/8 2 x 2 1/8 1 3/8 x 3 1/8 1 3/4 x 2 5/8 1 3/8 x 3 5/8 2 x 2 5/8 1 3/8 x 4 1/8 1 3/4 x 3 1/8 1 3/8 x 4 5/8 1 3/8 x 5 1/8 1 3/4 x 3 5/8 2 x 3 1/8 1 3/8 x 5 5/8 1 3/4 x 4 1/8 2 x 3 5/8 2 1/2 x 2 5/8 1 3/4 x 4 5/8
300 Vdc (350 Vdc Surge)
350 Vdc (400 Vdc Surge)
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com
Type 550C 105 C Ultra Ripple, Long-life, Inverter Grade, Aluminum
Cap. (F) 1600 1700 1800 1900 1900 2200 2300 2500 2800 2800 3300 3600 3600 3800 4300 4400 5100 5800 5900 6700 6900 7100 8000 9000 9500 9600 11000 13000 15000 130 200 300 310 400 400 450 510 580 610 630 710 800 810 810 910 980 990 Catalog Part Number 550C162T350BC2B 550C172T350EE2B 550C182T350CB2B 550C192T350EF2B 550C192T350BD2B 550C222T350BE2B 550C232T350CJ2B 550C252T350BF2B 550C282T350CC2B 550C282T350DB2B 550C332T350CD2B 550C362T350DJ2B 550C362T350DJ2B 550C382T350CE2B 550C432T350CF2B 550C442T350DC2B 550C512T350DD2B 550C582T350FC2D 550C592T350DE2B 550C672T350DF2B 550C692T350FD2d 550C712T350DP2B 550C802T350FE2D 550C902T350FF2D 550C952T350FP2D 550C962T350DN2D 550C113T350DG2D 550C133T350FN2D 550C153T350FG2D 550C131T400AK2B 550C201T400AA2B 550C301T400AH2B 550C311T400EA2B 550C401T400AB2B 550C401T400BA2B 550C451T400EH2B 550C511T400AJ2B 550C581T400BH2B 550C611T400AC2B 550C631T400EB2B 550C711T400AD2B 550C801T400EJ2B 550C811T400AE2B 550C811T400BB2B 550C911T400AF2B 550C981T400EC2B 550C991T400CH2B ESR Max. @ 25 C 120 Hz (m) 67.2 65.3 62.1 58.0 57.3 50.0 48.5 44.4 40.0 41.2 34.0 32.2 32.2 29.7 25.8 26.6 22.7 20.5 19.8 17.7 17.5 16.8 15.3 13.2 12.5 13.3 11.1 9.9 8.3 733.0 458.0 328.0 310.0 241.0 247.0 216.0 194.0 168.0 162.0 155.0 139.0 121.0 122.0 121.0 109.0 99.3 95.2 Ripple Max. @ 85 C 120 Hz (A) 8.2 8.3 8.8 9.1 9.2 10.2 10.5 11.2 12.1 12.2 13.6 14.5 14.5 15.1 16.7 16.6 18.6 20.8 20.6 22.4 23.3 23.3 25.7 28.4 29.6 29.0 32.3 36.6 40.7 1.4 2.0 2.5 2.8 3.1 3.4 3.6 3.7 4.4 4.2 4.5 4.7 5.4 5.3 5.5 5.8 6.2 6.7 Nominal Size DxL (inches) 2 x 4 1/8 1 3/4 x 5 1/8 2 1/2 x 3 1/8 1 3/4 x 5 5/8 2 x 4 5/8 2 x 5 1/8 2 1/2 x 3 5/8 2 x 5 5/8 2 1/2 x 4 1/8 3 x 3 1/8 2 1/2 x 4 5/8 3 x 3 5/8 3 x 3 5/8 2 1/2 x 5 1/8 2 1/2 x 5 5/8 3 x 4 1/8 3 x 4 5/8 3 1/2 x 4 1/8 3 x 5 1/8 3 x 5 5/8 3 1/2 x 4 5/8 3 x 5 7/8 3 1/2 x 5 1/8 3 1/2 x 5 5/8 3 1/2 x 5 7/8 3 x 7 5/8 3 x 8 5/8 3 1/2 x 7 5/8 3 1/2 x 8 5/8 1 3/8 x 1 5/8 1 3/8 x 2 1/8 1 3/8 x 2 5/8 1 3/4 x 2 1/8 1 3/8 x 3 1/8 2 x 2 1/8 1 3/4 x 2 5/8 1 3/8 x 3 5/8 2 x 2 5/8 1 3/8 x 4 1/8 1 3/4 x 3 1/8 1 3/8 x 4 5/8 1 3/4 x 3 5/8 1 3/8 x 5 1/8 2 x 3 1/8 1 3/8 x 5 5/8 1 3/4 x 4 1/8 2 1/2 x 2 5/8 90 140 210 220 280 290 320 360 410 430 440 500 570 570 570 640 700 Cap. (F) 1000 1200 1300 1300 1400 1500 1500 1700 1800 2000 2200 2200 2600 2800 3000 3400 3400 4000 4600 4700 5300 5400 5600 6200 7100 7500 7800 9000 9700 11000 Catalog Part Number 550C102T400BJ2B 550C122T400ED2B 550C132T400EE2B 550C132T400BC2B 550C142T400CB2B 550C152T400EF2B 550C152T400BD2B 550C172T400BE2B 550C182T400CJ2B 550C202T400BF2B 550C222T400CC2B 550C222T400DB2B 550C262T400CD2B 550C282T400DJ2B 550C302T400CE2B 550C342T400CF2B 550C342T400DC2B 550C402T400DD2B 550C462T400FC2D 550C472T400DE2B 550C532T400DF2B 550C542T400FD2D 550C562T400DP2B 550C622T400FE2D 550C712T400FF2D 550C752T400FP2D 550C782T400DN2D 550C902T400DG2D 550C972T400FN2D 550C113T400FG2D 550C900T450AK2B 550C141T450AA2B 550C211T450AH2B 550C221T450EA2B 550C281T450BA2B 550C291T450AB2B 550C321T450EH2B 550C361T450AJ2B 550C411T450BH2B 550C431T450AC2B 550C441T450EB2B 550C501T450AD2B 550C571T450AE2B 550C571T450EJ2B 550C571T450BB2B 550C641T450AF2B 550C701T450EC2B ESR Max. @ 25 C 120 Hz (m) 94.2 82.5 71.9 77.4 68.2 63.8 64.3 57.5 53.2 48.6 43.8 45.7 37.3 35.7 32.5 28.9 29.3 25.0 22.2 21.4 19.0 18.9 18.1 16.5 14.3 13.5 14.6 12.4 10.9 9.2 827.0 521.0 353.0 333.0 265.0 260.0 232.0 208.0 180.0 174.0 166.0 150.0 132.0 130.0 129.0 118.0 107.0 Ripple Max. @ 85 C 120 Hz (A) 6.6 7.1 7.9 7.6 8.4 8.6 8.7 9.5 10.0 10.7 11.6 11.6 13.0 13.7 14.4 15.8 15.8 17.7 20.0 19.8 21.6 22.4 22.4 24.7 27.3 28.4 27.6 30.6 34.9 38.7 1.3 1.8 2.4 2.7 3.3 3.0 3.5 3.5 4.3 4.1 4.3 4.6 5.1 5.2 5.3 5.6 6.0 Nominal Size DxL (inches) 2 x 3 5/8 1 3/4 x 4 5/8 1 3/4 x 5 1/8 2 x 4 1/8 2 1/2 x 3 1/8 1 3/4 x 5 5/8 2 x 4 5/8 2 x 5 1/8 2 1/2 x 3 5/8 2 x 5 5/8 2 1/2 x 4 1/8 3 x 3 1/8 2 1/2 x 4 5/8 3 x 3 5/8 2 1/2 x 5 1/8 2 1/2 x 5 5/8 3 x 4 1/8 3 x 4 5/8 3 1/2 x 4 1/8 3 x 5 1/8 3 x 5 5/8 3 1/2 x 4 5/8 3 x 5 7/8 3 1/2 x 5 1/8 3 1/2 x 5 5/8 3 1/2 x 5 7/8 3 x 7 5/8 3 x 8 5/8 3 1/2 x 7 5/8 3 1/2x 8 5/8 1 3/8 x 1 5/8 1 3/8 x 2 1/8 1 3/8 x 2 5/8 1 3/4 x 2 1/8 2 x 2 1/8 1 3/8 x 3 1/8 1 3/4 x 2 5/8 1 3/8 x 3 5/8 2 x 2 5/8 1 3/8 x 4 1/8 1 3/4 x 3 1/8 1 3/8 x 4 5/8 1 3/8 x 5 1/8 1 3/4 x 3 5/8 2 x 3 1/8 1 3/8 x 5 5/8 1 3/4 x 4 1/8
400 Vdc (450 Vdc Surge)
450 Vdc (500 Vdc Surge)
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com
Type 550C 105 C Ultra Ripple, Long-life, Inverter Grade, Aluminum
Cap. (F) 700 740 820 900 950 980 1100 1100 1200 1300 1400 1500 1500 1800 2000 2100 2400 2400 2900 3200 3300 3700 3800 4000 4400 5000 5300 5500 6400 7100 8100 91 150 220 230 290 290 330 360 Catalog Part Number 550C701T450CH2B 550C741T450BJ2B 550C821T450ED2B 550C901T450BC2B 550C951T450EE2B 550C981T450CB2B 550C112T450EF2B 550C112T450BD2B 550C122T450BE2B 550C132T450CJ2B 550C142T450BF2B 550C152T450CC2B 550C152T450DB2B 550C182T450CD2B 550C202T450DJ2B 550C212T450CE2B 550C242T450CF2B 550C242T450DC2B 550C292T450DD2B 550C322T450FC2D 550C332T450DE2B 550C372T450DF2B 550C382T450FD2D 550C402T450DP2B 550C442T450FE2D 550C502T450FF2D 550C532T450FP2D 550C552T450DN2B 550C642T450DG2B 550C712T450FN2D 550C812T450FG2D 550C910U500AK2B 550C151U500AA2B 550C221U500AH2B 550C231U500EA2B 550C291U500BA2B 550C291U500AB2B 550C331U500EH2B 550C361U500AJ2B ESR Max. @ 25 C 120 Hz 108.0 101.0 90.7 82.9 77.1 77.3 68.4 68.8 61.5 57.3 53.3 49.6 47.4 42.2 37.0 34.9 30.5 30.6 26.1 22.9 22.7 20.2 19.5 19.2 17.0 15.1 14.3 15.5 13.1 11.3 9.5 1482.2 865.7 612.3 609.4 463.9 459.7 424.5 368.3 Ripple Max. @ 85 C 120 Hz 6.3 6.4 6.8 7.3 7.6 7.9 8.3 8.4 9.2 9.7 10.2 10.9 11.3 12.2 13.5 13.9 15.3 15.5 17.4 19.6 19.2 20.9 22.1 21.8 24.3 26.5 27.6 26.8 29.8 34.3 38.2 1.0 1.4 1.8 2.0 2.5 2.3 2.6 2.7 Nominal Size DxL (inches) 2 1/2 x 2 5/8 2 x 3 5/8 1 3/4 x 4 5/8 2 x 4 1/8 1 3/4 x 5 1/8 2 1/2 x 3 1/8 1 3/4 x 5 5/8 2 x 4 5/8 2 x 5 1/8 2 1/2 x 3 5/8 2 x 5 5/8 2 1/2 x 4 1/8 3 x 3 1/8 2 1/2 x 4 5/8 3 x 3 5/8 2 1/2 x 5 1/8 2 1/2 x 5 5/8 3 x 4 1/8 3 x 4 5/8 3 1/2 x 4 1/8 3 x 5 1/8 3 x 5 5/8 3 1/2 x 4 5/8 3 x 5 7/8 3 1/2 x 5 1/8 3 1/2 x 5 5/8 3 1/2 x 5 7/8 3 x 7 5/8 3 x 8 5/8 3 1/2 x 7 5/8 3 1/2 x 8 5/8 1 3/8 x 1 5/8 1 3/8 x 2 1/8 1 3/8 x 2 5/8 1 3/4 x 2 1/8 2 x 2 1/8 1 3/8 x 3 1/8 1 3/4 x 2 5/8 1 3/8 x 3 5/8 Cap. (F) 410 430 460 510 580 580 590 650 680 720 740 850 910 960 980 1100 1100 1200 1200 1400 1400 1500 1800 1900 2000 2300 2300 2700 3100 3200 3500 3700 3800 4300 4900 5200 5400 6000 7000 8400 Catalog Part Number 550C411U500BH2B 550C431U500AC2B 550C461U500EB2B 550C511U500AD2B 550C581U500BB2B 550C581U500AE2B 550C591U500EJ2B 550C651U500AF2B 550C681U500CH2B 550C721U500EC2B 550C741U500BJ2B 550C851U500ED2B 550C911U500BC2B 550C961U500CB2B 550C981U500EE2B 550C112U500BD2B 550C112U500EF2B 550C122U500CJ2B 550C122U500BE2B 550C142U500DB2B 550C142U500BF2B 550C152U500CC2B 550C182U500CD2B 550C192U500DJ2B 550C202U500CE2B 550C232U500DC2B 550C232U500CF2B 550C272U500DD2B 550C312U500DE2B 550C322U500FC2D 550C352U500DF2B 550C372U500DP2B 550C382U500FD2D 550C432U500FE2D 550C492U500FF2D 550C522U500FP2D 550C542U500DN2B 550C602U500DG2B 550C702U500FN2D 550C842U500FG2D ESR Max. @ 25 C 120 Hz 323.3 307.4 303.7 263.9 231.3 231.4 236.6 206.2 196.9 193.9 180.3 164.5 155.6 140.8 142.9 122.8 126.4 109.1 109.1 86.2 91.5 85.3 72.4 66.0 66.4 53.9 55.7 45.2 38.9 38.8 34.5 32.4 32.3 28.4 24.3 23.0 26.1 19.7 17.0 14.3 Ripple Max. @ 85 C 120 Hz 3.2 3.1 3.2 3.4 4.0 3.8 3.8 4.2 4.7 4.4 4.8 5.0 5.4 5.9 5.6 6.3 6.1 7.0 6.9 8.4 7.8 8.3 9.3 10.1 10.1 11.6 11.4 13.2 14.7 15.1 16.1 16.8 17.1 18.8 20.9 21.8 20.9 24.2 27.9 31.0 Nominal Size DxL (inches) 2 x 2 5/8 1 3/8 x 4 1/8 1 3/4 x 3 1/8 1 3/8 x 4 5/8 2 x 3 1/8 1 3/8 x 5 1/8 1 3/4 x 3 5/8 1 3/8 x 5 5/8 2 1/2 x 2 5/8 1 3/4 x 4 1/8 2 x 3 5/8 1 3/4 x 4 5/8 2 x 4 1/8 2 1/2 x 3 1/8 1 3/4 x 5 1/8 2 x 4 5/8 1 3/4 x 5 5/8 2 1/2 x 3 5/8 2 x 5 1/8 3 x 3 1/8 2 x 5 5/8 2 1/2 x 4 1/8 2 1/2 x 4 5/8 3 x 3 5/8 2 1/2 x 5 1/8 3 x 4 1/8 2 1/2 x 5 5/8 3 x 4 5/8 3 x 5 1/8 3 1/2 x 4 1/8 3 x 5 5/8 3 x 5 7/8 3 1/2 x 4 5/8 3 1/2 x 5 1/8 3 1/2 x 5 5/8 3 1/2 x 5 7/8 3 x 7 5/8 3 x 8 5/8 3 1/2 x 7 5/8 3 1/2 x 8 5/8
500 Vdc (550 Vdc Surge)
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com


▲Up To Search▲   

 
Price & Availability of 550C103T250DF2B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X